Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM32F103CET Fiches technique(PDF) 82 Page - MindMotion Microelectronics

No de pièce MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINDMOTION [MindMotion Microelectronics]
Site Internet  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Fiches technique(HTML) 82 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 78Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 79Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 80Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 81Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 82Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 83Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 84Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 85Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 86Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Package information
6.3 LQFP48 Package information
591233
D
D 1
13
12
24
48
1
37
36
25
e
b
PIN 1
IDENTIFICATION
A3
b
b 1
K
L
L1
R1
R2
s
L2
Figure 29. LQFP48 - 48-pin low-profile quad flat package outline
1. Drawing is not to scale.
2. Dimensions are expressed in millimeters.
Table 47. LQFP48 mechanical data
Symbol
Millimeters
Min
Typ
Max
A
1.60
A1
0.05
0.15
A2
1.35
1.40
1.45
A3
0.59
0.64
0.69
b
0.18
0.27
b1
0.17
0.20
0.23
c
0.13
0.18
c1
0.12
0.127
0.134
www.mm32mcu.com
76/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com