Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM32F103CET Fiches technique(PDF) 59 Page - MindMotion Microelectronics

No de pièce MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINDMOTION [MindMotion Microelectronics]
Site Internet  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Fiches technique(HTML) 59 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n+1) supply pins). This
test conforms to the JESD22-A114/C101 standard.
Static latch-up
Two complementary static tests are required on six parts to assess the latch-up perfor-
mance:
• A supply overvoltage is applied to each power supply pin
• A current injection is applied to each input, output and configurable I/O pin
These tests are compliant with EIA/JESD78A IC latch-up standard.
Table 29. ESD characteristics
Symbol
Parameter
Conditions
Type
Max
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human body model)
TA = +25◦C,
Conforming to
JESD22-A114
2000
V
VESD(CDM)
Electrostatic discharge voltage
(Charging device model)
TA = +25◦C,
Conforming to
JESD22-C101
500
ILU
Latch-up current
TA =
+25◦C,Conforming to
JESD78A
200
mA
5.3.12 I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 7 are derived from tests.
Table 30. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
CMOS Port
-0.5
1.1
V
VIH
High level input voltage
CMOS Port
2.08
V
Vhys
Schmitt trigger hysteresis(1)
500
700
800
mV
Ilkg
Input leakage current(2)
1
µA
RPU
Weak pull-up equivalent
resistor(3)
VIN = VSS
30
50
100
kΩ
RPD
Weak pull-down equivalent
resistor(3)
VIN = VDD
30
50
100
www.mm32mcu.com
53/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com