Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM32F103CET Fiches technique(PDF) 16 Page - MindMotion Microelectronics

No de pièce MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINDMOTION [MindMotion Microelectronics]
Site Internet  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Fiches technique(HTML) 16 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 16Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 17Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 18Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 19Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 20Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
feature is 4 independent channels each for input capture/output compare, PWM or one-
pulse mode output.
The timer can work together or with the TIM1 advanced-control timer via the Timer Link
feature for synchronization or event chaining. Their counter can be frozen in debug mode.
Any of the general-purpose timers can be used to generate PWM outputs. They all have
independent DMA request generation.
These timers are capable of handling quadrature (incremental) encoder signals and the
digital outputs from 1 to 3 hall-effect sensors.
Basic timer
TIM16/TIM17
Every timer is based on a 16-bit auto-reload upcounter and a 16-bit prescaler. They each
have a single channel for input capture/output compare, PWM or one-pulse mode output.
TIM16 and TIM17 have a complementary output with dead-time generation and indepen-
dent DMA request generation. Their counters can be frozen in debug mode.
Independent watchdog (IWDG)
The independent watchdog is based on an 8-bit prescaler and 12-bit downcounter with
user-defined refresh window. It is clocked from an independent 40 KHz internal oscillator
and as it operates independently from the main clock, it can operate in Stop and Standby
modes. It can be used either as a watchdog to reset the device when a problem occurs,
or as a free running timer for application timeout management. It is hardware or software
configurable through the option bytes. The counter can be frozen in debug mode.
System window watchdog (WWDG)
The system window watchdog is based on a 7-bit downcounter that can be set as free
running. It can be used as a watchdog to reset the device when a problem occurs. It is
clocked from the APB clock (PCLK). It has an early warning interrupt capability and the
counter can be frozen in debug mode.
SysTick timer
This timer is dedicated to real-time operating systems, but could also be used as a stan-
dard down counter. It features:
• A 24-bit down counter
• Autoreload capability
• Maskable system interrupt generation when the counter reaches 0
• Programmable clock source
2.2.17 Universal asynchronous receiver/transmitter (UART)
UART provides hardware management of the CTS, RTS.
www.mm32mcu.com
10/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com