Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 177 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 177 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 170Page - STMicroelectronics L9300 Datasheet HTML 171Page - STMicroelectronics L9300 Datasheet HTML 172Page - STMicroelectronics L9300 Datasheet HTML 173Page - STMicroelectronics L9300 Datasheet HTML 174Page - STMicroelectronics L9300 Datasheet HTML 175Page - STMicroelectronics L9300 Datasheet HTML 176Page - STMicroelectronics L9300 Datasheet HTML 177Page - STMicroelectronics L9300 Datasheet HTML 178Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 177 / 178 page
background image
Figure 54.
WD FSM evolution. WD_TO_RST_EN = 1 ................................................ 85
Figure 55.
State evolution in case of WD_TO_RST_EN=1............................................. 86
Figure 56.
Driver actuation and WD_RTS versus WD_CNT value........................................ 87
Figure 57.
Seed generation algorithm block diagram................................................. 88
Figure 58.
Seed selection and elaboration flow .................................................... 88
Figure 59.
Answer check generation algorithms block diagram.......................................... 89
Figure 60.
CAN wake up capabilities ........................................................... 91
Figure 61.
CAN transition time ................................................................ 92
Figure 62.
SPI Frame ...................................................................... 96
Figure 63.
SPI timing ...................................................................... 98
Figure 64.
voltage monitor self test basic implementation ............................................ 152
Figure 65.
Oscillator monitor ................................................................ 154
Figure 66.
diagnostic analog self test basic implementation ........................................... 154
Figure 67.
ADC self-test block diagram ......................................................... 156
Figure 68.
Analog trimming mask concept ....................................................... 157
Figure 69.
Diagnostic analog self test basic implementation........................................... 157
Figure 70.
PWM test implementation assuming LS configuration ....................................... 158
Figure 71.
Functional table diagram ........................................................... 160
Figure 72.
TQFP80 (14x14x1 mm. exp. pad up) package outline ....................................... 162
Figure 73.
TQFP80 (14x14x1 mm. exp. pad up) marking information .................................... 164
Figure 74.
TQFP80 (14x14x1 mm. exp. pad down) package outline ..................................... 165
Figure 75.
TQFP80 (14x14x1 mm. exp. pad down) marking information .................................. 167
L9300
List of figures
DS12258 - Rev 5
page 177/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More