Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 125Page - STMicroelectronics L9300 Datasheet HTML 126Page - STMicroelectronics L9300 Datasheet HTML 127Page - STMicroelectronics L9300 Datasheet HTML 128Page - STMicroelectronics L9300 Datasheet HTML 129Page - STMicroelectronics L9300 Datasheet HTML 130Page - STMicroelectronics L9300 Datasheet HTML 131Page - STMicroelectronics L9300 Datasheet HTML 132Page - STMicroelectronics L9300 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 178 page
background image
WDG2ANSTMG
Q&A Answer Timing
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
GLOBAL_BaseAddress + 0x10
Type:
RW
Reset:
0b0000 0011 0000 1111 1111
Description:
Register contains answer timings parameters
[19:14] Answer Time-out Delta: End of the period for answers acceptance.
Once reached the WD_RST signal will be sent independently on the Error status (WD_CNT). The value specified is an
incremental time starting from T_Valid_Answ_Start and T_Valid_Answ_End_Delta.
Time = (T_Valid_Answ_Start + T_Valid_Answ_End_Delta + T_Answ_TimeOut_Delta) * WD_clk
Reset events: VB_UV, GND_LOSS, POR
[13:8] Valid Answer End Delta: End of the timing window inside which answers must be received.
The value specified is an incremental time starting from T_Valid_Answ_Start.
Time = (T_Valid_Answ_Start + T_Valid_Answ_End_Delta) * WD_clk
Reset events: VB_UV, GND_LOSS, POR
[7:0] Valid Answer Start: Start of the timing window inside which answers must be received. Absolute value.
Time = T_Valid_Answ_Start * WD_clk
Reset events: VB_UV, GND_LOSS, POR
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 129/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More