| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 27 Confidential 5.2.1.5 FIFOLength Register Number of bytes buffered in the FIFO. Name: FIFOLength Address: 0x04 Reset value: 00000000, 0x00 7 6 5 4 3 2 1 0 0 FIFOLength Access Rights r r r r r r r r Description of the bits Bit Symbol Function 7 0 Reserved for future use. 6-0 FIFOLength Indicates the number of bytes stored in the FIFO buffer. Writing to the FIFOData Register increments, reading decrements FIFOLength. |