Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 4 Page - NXP Semiconductors

  CLRC63201T/0FE Datasheet HTML 1Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 2Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 3Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 4Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 5Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 6Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 7Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 8Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
4
Confidential
10.3
Stand By Mode....................................................................................................................................94
10.4
Receiver Power Down.........................................................................................................................94
11
START UP PHASE .............................................................................................................................95
11.1
Hard Power Down Phase ....................................................................................................................95
11.2
Reset Phase........................................................................................................................................95
11.3
Initialising Phase .................................................................................................................................95
11.4
Initialising the Parallel Interface-Type .................................................................................................96
12
OSCILLATOR CIRCUITRY ................................................................................................................97
13
TRANSMITTER PINS TX1 AND TX2 .................................................................................................98
13.1
Configuration of TX1 and TX2.............................................................................................................98
13.2
Operating Distance versus Power Consumption ................................................................................99
13.3
Antenna Driver Output Source Resistance .........................................................................................99
13.3.1 Source Resistance Table ..................................................................................................................100
13.3.2 Formula for the Source Resistance...................................................................................................101
13.3.3 Calculating the Effective Source Resistance ....................................................................................101
13.4
Pulse Width .......................................................................................................................................102
14
RECEIVER CIRCUITRY ...................................................................................................................103
14.1
General..............................................................................................................................................103
14.2
Block Diagram ...................................................................................................................................103
14.3
Putting the Receiver into Operation ..................................................................................................104
14.3.1 Automatic Clock-Q Calibration ..........................................................................................................104
14.3.2 Amplifier.............................................................................................................................................105
14.3.3 Correlation Circuitry...........................................................................................................................106
14.3.4 Evaluation and Digitizer Circuitry ......................................................................................................106
15
SERIAL SIGNAL SWITCH ...............................................................................................................107
15.1
General..............................................................................................................................................107
15.2
Block Diagram ...................................................................................................................................107
15.3
Registers Relevant for the Serial Signal Switch................................................................................108
15.3.1 Active Antenna Concept....................................................................................................................109
15.3.2 Driving Two RF-Parts ........................................................................................................................109
16
MIFARE
® HIGHER BAUDRATES ....................................................................................................110
17
ISO14443 B.......................................................................................................................................111
18
CL RC632 COMMAND SET .............................................................................................................112
18.1
General Description...........................................................................................................................112
18.2
General Behaviour ............................................................................................................................112
18.3
CL RC632 Commands Overview ......................................................................................................112
18.3.1 Basic States ......................................................................................................................................114
18.3.2 StartUp Command 3Fhex....................................................................................................................114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More