| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 33 Page - NXP Semiconductors |
|
33 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 33 Confidential 5.2.2.4 CollPos Register Bit position of the first bit collision detected on the RF- interface. Name: CollPos Address: 0x0B Reset value: 00000000, 0x00 7 6 5 4 3 2 1 0 CollPos Access Rights r r r r r r r r Description of the bits Bit Symbol Function 7-0 CollPos This register shows the bit position of the first detected collision in a received frame. Example: 0x00 indicates a bit collision in the start bit 0x01 indicates a bit collision in the 1 st bit 0x08 indicates a bit collision in the 8 th bit Note: For ISO14443B a bit collision is not indicated in the CollPos register. |