Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 5 Page - NXP Semiconductors

  CLRC63201T/0FE Datasheet HTML 1Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 2Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 3Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 4Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 5Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 6Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 7Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 8Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
5
Confidential
18.3.3 Idle Command 00hex ..........................................................................................................................114
18.4
Commands for ISO14443 A Card Communication ...........................................................................115
18.4.1 Transmit Command 1Ahex..................................................................................................................115
18.4.2 Receive Command 16hex ...................................................................................................................119
18.4.3 Transceive Command 1Ehex ..............................................................................................................122
18.4.4 States of the Card Communication ...................................................................................................122
18.4.5 State Diagram for the Card Communication .....................................................................................123
18.5
Commands for I
•CODE1 and ISO15693 Label Communication ......................................................124
18.5.1 Transmit Command 1Ahex..................................................................................................................124
18.5.2 Receive Command 16hex ...................................................................................................................126
18.5.3 Transceive Command 1Ehex ..............................................................................................................128
18.5.4 States of the Label Communication ..................................................................................................128
18.5.5 State Diagram for the Label Communication ....................................................................................128
18.6
Commands to Access the E²PROM..................................................................................................130
18.6.1 WriteE2 Command 01hex ...................................................................................................................130
18.6.2 ReadE2 Command 03hex ...................................................................................................................132
18.7
Diverse Commands...........................................................................................................................132
18.7.1 LoadConfig Command 07hex..............................................................................................................132
18.7.2 CalcCRC Command 12hex .................................................................................................................133
18.8
Error Handling during Command Execution......................................................................................134
18.9
MIFARE
® Classic Security Commands.............................................................................................135
18.9.1 LoadKeyE2 Command 0Bhex.............................................................................................................135
18.9.2 LoadKey Command 19hex..................................................................................................................135
18.9.3 Authent1 Command 0Chex .................................................................................................................136
18.9.4 Authent2 Command 14hex..................................................................................................................136
19
MIFARECLASSIC AUTHENTICATION AND CRYPTO1..............................................................137
19.1
General..............................................................................................................................................137
19.2
Crypto1 Key Handling .......................................................................................................................137
19.3
Performing MIFAREClassic Authentication....................................................................................138
20
TYPICAL APPLICATION..................................................................................................................139
20.1
Circuit Diagram..................................................................................................................................139
20.2
Circuit Description .............................................................................................................................140
20.2.1 EMC Low Pass Filter.........................................................................................................................140
20.2.2 Antenna matching .............................................................................................................................140
20.2.3 Receiving Circuit ...............................................................................................................................141
20.2.4 Antenna Coil......................................................................................................................................141
21
TEST SIGNALS ................................................................................................................................142
21.1
General..............................................................................................................................................142
21.2
Measurements Using the Serial Signal Switch .................................................................................142
21.2.1 Tx-Control..........................................................................................................................................143
21.2.2 Rx-control ..........................................................................................................................................144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More