| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 48 Page - NXP Semiconductors |
|
48 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 48 Confidential 5.2.4.6 BPSKDemControl controls BPSK demodulation Name: BPSKDemControl Address: 0x1D Reset value: 00011110, 0x1E 7 6 5 4 3 2 1 0 NoRx SOF NoRx EGT NoRx EOF Filter AmpDet TauD TauB Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7 NoRxSOF If set to 1 a missing SOF in the receiving data stream will be ignored and no framing error indicated 6 NoRxEGT If set to 1 a too short or too long EGT in the receiving data stream will be ignored and no framing error indicated 5 NoRxEOF If set to 1 a missing EOF in the receiving data stream produces will be ignored and no framing error indicated 4 FilterAmpDet Switches on a HighPassFilter for amplitude detection 3-2 TauD Change time-constant of internal PLL during data receiving 1-0 TauB Change time-constant of internal PLL during burst |