| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 70 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 70 Page - NXP Semiconductors |
|
70 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 70 Confidential Flag(s) Register Address Register, Bit Position RxAutoPD RxControl2 0x1E, bit 6 RxCRCEn ChannelRedundancy 0x22, bit 3 RxCoding DecoderControl 0x1A, bit 0 RxFraming DecoderControl 0x1A, bits 4:3 RxIEn InterruptEn 0x06, bit 3 RxIRq InterruptRq 0x07, bit 3 RxLastBits SecondaryStatus 0x05, bits 2:0 RxMultiple DecoderControl 0x1A,bit 6 RxWait RxWait 0x21, bits 7:0 SetIEn InterruptEn 0x06, bit 67 SetIRq InterruptRq 0x07, bit 7 SignalToMFOUT TestDigiSelect 0x3D, bit 7 SOFWidth TypeBFraming 0x17, bits 1:0 StandBy Control 0x09, bit 5 SubCPulses RxControl1 0x19, bits 7:5 TauB BPSKDemControl 0x1D, bits 1:0 TauD BPSKDemControl 0x1D, bits 3:2 TautoRestart TimerClock 0x2A, bit 5 TestAnaOutSel TestAnaSelect 0x3A, bits 6:4 TestDigiSignalSel TestDigiSelect 0x3D, bit 6:0 TimerIEn InterruptEn 0x06, bit 5 TimerIRq InterruptRq 0x07, bit 5 TimerValue TimerValue 0x0C, bits 7:0 TimeSlotPeriod TimeSlotPeriod 0x25, bits 7:0 TimeSlotPeriodMSB MFOUTSelect 0x26, bit 4 TpreScaler TimerClock 0x2A, bits 4:0 TReloadValue TimerReload 0x2C, bits 7:0 TRunning SecondaryStatus 0x05, bit 7 TstartTxBegin TimerControl 0x2B, bit 0 TstartTxEnd TimerControl 0x2B, bit 1 TstartNow Control 0x09, bit 1 TstopRxBegin TimerControl 0x2B, bit 2 TstopRxEnd TimerControl 0x2B, bit 3 TstopNow Control 0x09, bit 2 |