| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 92 Page - NXP Semiconductors |
|
92 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 92 Confidential 9.4 Register Overview Timer Unit The following table shows the related flags of the Timer Unit in alphabetic order. Flags Register Address TautoRestart TimerClock 0x2A, bit 5 TimerValue TimerValue 0x0C, bits 7-0 TimerReloadValue TimerReload 0x2C, bits 7-0 TpreScaler TimerClock 0x2A, bits 4-0 Trunning SecondaryStatus 0x05, bit 7 TstartNow Control 0x09, bit 1 TstartTxBegin TimerControl 0x2B, bit 0 TstartTxEnd TimerControl 0x2B, bit 1 TstopNow Control 0x09, bit 2 TstopRxBegin TimerControl 0x2B, bit 2 TstopRxEnd TimerControl 0x2B, bit 3 Table 9-1 Registers associated with the Timer Unit |