| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 43 Page - NXP Semiconductors |
|
43 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 43 Confidential 5.2.3.8 TypeBFraming defines the framing for ISO 14443 B communication Name: TypeBFraming Address: 0x17 Reset value: 00111011, 0x3B 7 6 5 4 3 2 1 0 NoTx SOF NoTx EOF EOF Width CharSpacing SOFWidth Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7 NoTxSOF Set to 1 TxCoder suppresses the SOF 6 NoTXEOF Set to 1 TxCoder suppresses the EOF 5 EOFWidth 0: Set the EOF to a length of 10 ETU 1: Set the EOF to a length of 11 ETU 4-2 CharSpacing Set the length of the EGT length between 0 and 7 ETU. 1-0 SOFWidth 00: Set the SOF to a length of 10 ETU LOW and 2 ETU HIGH 01: Set the SOF to a length of 10 ETU LOW and 3 ETU HIGH 10: Set the SOF to a length of 11 ETU LOW and 2 ETU HIGH 11: Set the SOF to a length of 11 ETU LOW and 3 ETU HIGH |