Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 61 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 61 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 57Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 58Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 59Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 60Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 61Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 62Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 63Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 64Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
61
Confidential
5.2.6.5
TimerReload Register
Defines the preset value for the timer.
Name: TimerReload
Address: 0x2C
Reset value: 00001010, 0x0A
7
6
5
4
3
2
1
0
TReloadValue
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-0
TreloadValue
With a start event the timer loads with the TreloadValue. Changing this register
affects the timer only with the next start event.
If TReloadValue is set to 0, the timer cannot start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More