Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 86 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 86 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 82Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 83Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 84Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 85Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 86Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 87Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 88Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 89Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
86
Confidential
9
TIMER UNIT
9.1
Overview
A timer is implemented in the CL RC632. It derives its clock from the 13.56 MHz chip-clock. The µ-Processor
may use this timer to manage timing relevant tasks.
The timer unit may be used in one of the following configurations:
•
Timeout-Counter
•
Watch-Dog Counter
•
Stop Watch
•
Programmable One-Shot
•
Periodical Trigger
The timer unit can be used to measure the time interval between two events or to indicate that a specific
event occurred after a specific time. The timer can be triggered by events which will be explained in the
following, but the timer itself does not influence any internal event (e.g. A timeout during data receiving does
not influence the receiving process automatically). Furthermore, several timer related flags are set and these
flags can be used to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More