Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 47 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 47 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 43Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 44Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 45Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 46Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 47Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 48Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 49Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 50Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
47
Confidential
5.2.4.5
RxThreshold Register
selects thresholds for the bit decoder.
Name: RxThreshold
Address: 0x1C
Reset value: 11111111, 0xFF
7
6
5
4
3
2
1
0
MinLevel
CollLevel
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-4
MinLevel
Defines the minimum signal strength at the decoder input that shall be accepted.
If the signal strength is below this level, it is not evaluated.
3-0
CollLevel
Defines the minimum signal strength at the decoder input that has to be reached
by the weaker half-bit of the Manchester-coded signal to generate a bit-collision
relatively to the amplitude of the stronger half-bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More