Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 71 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 71 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 67Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 68Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 69Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 70Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 71Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 72Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 73Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 74Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
71
Confidential
Flag(s)
Register
Address
Register, Bit Position
TX1RFEn
TxControl
0x11, bit 0
TX2Cw
TxControl
0x11, bit 3
TX2Inv
TxControl
0x11, bit 3
TX2RFEn
TxControl
0x11, bit 1
TxCoding
CoderControl
0x14, bits 2:0
TxCRCEn
ChannelRedundancy
0x22, bit 2
TxIEn
InterruptEn
0x06, bit 4
TxIRq
InterruptRq
0x07, bit 4
TxLastBits
BitFraming
0x0F, bits 2:0
UsePageSelect
Page
0x00, 0x08, 0x10, 0x18, 0x20,
0x28, 0x30, 0x38, bit 7
WaterLevel
FIFOLevel
0x29, bits 5:0
ZeroAfterColl
DecoderControl
0x1A, bit 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More