Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 147 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 147 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 143Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 144Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 145Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 146Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 147Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 148Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 149Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 150Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
147
Confidential
21.5 Examples of ISO14443A Analog- and Digital Test Signals
Fig. 22 shows a MIFAREClassic Card’s answer to a request command using the Qclock receiving path.
RX –Reference is given to show the Manchester modulated signal at the RX pin. This signal is demodulated
and amplified in the receiver circuitry VRXAmpQ shows the amplified side band signal having used the Q-
Clock for demodulation. The signals VCorrDQ and VCorrNQ generated in the correlation circuitry are
evaluated and digitised in the evaluation and digitizer circuitry. VEvalR and VEvalL show the evaluation
signal of the right and left half bit. Finally, the digital test-signal S_data shows the received data which is
send to the internal digital circuit and S_valid indicates that the received data stream is valid.
Figure 23. Receiving path Q-Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More