| Moteur de recherche de fiches techniques de composants électroniques |
|
CLRC63201T/0FE Fiches technique(PDF) 123 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Fiches technique(HTML) 123 Page - NXP Semiconductors |
|
123 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 123 Confidential 18.4.5 STATE DIAGRAM FOR THE CARD COMMUNICATION GoToRx1 (100) PrepareRx (101) AwaitingRx (110) Receiving (111) Idle (000) Co mm and = Re ceiv e next bit clock Frame Received GoToRx2 (100) RxWaitCounter = 0 Signal Strength > MinLevel TxSOF (001) TxData (010) TxEOF (011) SOF transmitted EOF transmitted AND Command = Transmit Data transmitted EOF transmitted AND Command = Transceive Set CommandRegister = Idle (000) Command = (Transmit OR Receive OR Transceive) RxMultiple = 1 End of Receive frame AND RxMultiple = 0 Figure 18-4: State Diagram: Card Communication |