Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLRC63201T/0FE Fiches technique(PDF) 111 Page - NXP Semiconductors

No de pièce CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Fiches technique(HTML) 111 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 107Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 108Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 109Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 110Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 111Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 112Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 113Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 114Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
111
Confidential
17 ISO14443 B
The international standard ISO14443 standard covers 2 communication schemes: the ISO14443-A and the
ISO14443-B.
The CL RC632 reader IC fully supports the ISO14443.
The following registers and flags cover the ISO 14443B communication scheme:
Flags
Register
Address
CharSpacing
TypeBFraming
0x17, bits 4-3
CoderRate
CoderControl
0x14, bits 5-3
EOFWidth
TypeBFraming
0x17, bit 5
FilterAmpDet
BPSKDemControl
0x1D, bit 4
Force100ASK
TxControl
0x11, bit 4
GSCfgCW
CWConductance
0x12, bits 5-0
GSCfgMod
ModConductance
0x13, bits 5-0
MinLevel
RxTreshhold
0x1C, bits 7-4
NoTxEOF
TypeBFraming
0x17, bit 6
NoTxSOF
TypeBFraming
0x17, bit 7
NoRxEGT
BPSKDemControl
0x1D, bit 6
NoRxEOF
BPSKDemControl
0x1D, bit 5
NoRxSOF
BPSKDemControl
0x1D, bit 7
RxCoding
DecoderControl
0x1A,bit 0
RxFraming
DecoderControl
0x1A,bits 4-3
SOFWidth
TypeBFraming
0x17,bits 1-0
SubCPulses
RxControl1
0x19, bits 7-5
TauB
BPSKDemControl
0x1D, bits 1-0
TauD
BPSKDemControl
0x1D, bits 3-2
TxCoding
CoderControl
0x14, bits 2-0
Table 17-1 Registers associated with ISO14443-B
As a reference documentation the international standard ISO14443 ‘Identification cards- Contactless
integrated circuit(s) cards- Proximity cards, part 1-4’ can be taken.
Note: Philips Semiconductors does not offer a basic function library to design in the ISO14443 B protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More