Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 55 Page - OSRAM GmbH

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Fiches technique(HTML) 55 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 51Page - OSRAM GmbH AS7225 Datasheet HTML 52Page - OSRAM GmbH AS7225 Datasheet HTML 53Page - OSRAM GmbH AS7225 Datasheet HTML 54Page - OSRAM GmbH AS7225 Datasheet HTML 55Page - OSRAM GmbH AS7225 Datasheet HTML 56Page - OSRAM GmbH AS7225 Datasheet HTML 57Page - OSRAM GmbH AS7225 Datasheet HTML 58Page - OSRAM GmbH AS7225 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Document Feedback
AS7225
UART Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 54
11.4
Serial Flash
A SPI Flash device is a required operating companion to the AS7225. See Figure 83 for supported
devices, which are tested by ams. Using other devices can cause communication issues and may not
be compatible. Flash timing is provided in Figure 81 and Figure 82 for debug purposes.
Figure 83:
Flash Memory Overview
Serial Flash
Manufacturer
AT25SF041xx
Adesto Technologies
AT25DF041xx
Adesto Technologies
MX25L4006ExxI-12G
Macronix
SST25PF040C
Microchip Technology
W25X40CLSNIG
Winbond Electronics
LE25U40CMD
ON Semiconductor
GD25Q40C
GigaDevice
FS25Q004F1
Foresee
Additional devices may have been added to this list after publication of this datasheet. See “AS72xx
External Flash program and update” application note available on the ams AS7225 product document
section of the ams website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76