| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 69 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 69 Page - OSRAM GmbH |
|
69 / 76 page ![]() Document Feedback AS7225 Package Drawings & Markings Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 68 Figure 92: 20-Pin LGA Package Outline Drawing (Back Side Marking) (1) All dimensions are in millimeters. Angles in degrees. (2) Dimensioning and tolerancing conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) XXXXX = tracecode (5) This drawing is subject to change without notice. 10x 2.025 PIN1 CORNER INDEX AREA (BOTTOM VIEW) 20x 0.45 ±0.10 4x 1.30 20 16 6 10 1 5 15 11 20x 0.10 ±0.05 0.30 2.20 2.50 ±0.20 aaa C Seating plane C AS7225 XXXXX 4.70 Ø0.75 ±0.05 0.01 PIN1 CORNER INDEX AREA 6 10 20 16 5 1 11 15 aaa C (TOP VIEW) A 0.1 B C M A B A 0.1 B C M |