Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 66 Page - OSRAM GmbH

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Fiches technique(HTML) 66 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 62Page - OSRAM GmbH AS7225 Datasheet HTML 63Page - OSRAM GmbH AS7225 Datasheet HTML 64Page - OSRAM GmbH AS7225 Datasheet HTML 65Page - OSRAM GmbH AS7225 Datasheet HTML 66Page - OSRAM GmbH AS7225 Datasheet HTML 67Page - OSRAM GmbH AS7225 Datasheet HTML 68Page - OSRAM GmbH AS7225 Datasheet HTML 69Page - OSRAM GmbH AS7225 Datasheet HTML 70Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
Document Feedback
AS7225
Application Information
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 65
13.2
PCB Layout
Figure 89:
Typical Layout Routing
In order to prevent interference, avoid trace routing feedthroughs with exposure directly under the
AS7225. An example routing is illustrated in the diagram.
The AS7225 Smart Lighting Integration Kit (SLIK) demo board with schematic and PCB layout
documentation is available from ams for additional design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76