| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 26 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 26 Page - OSRAM GmbH |
|
26 / 76 page ![]() Document Feedback AS7225 I²C Slave Interface Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 25 8.6 I²C Virtual Register Set A register overview and a detailed description of the AS7225 I²C register set you find in chapter 10. All register data are hex, and all multi-byte entities are Big Endian (most significant byte is situated at the lowest register address). Multiple byte registers (2-byte integer or 4-byte floating point) must be read in the order of ascending register addresses (low to high). In addition, if capable of being written to, have to be written in the order of ascending register addresses as well. |