| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 75 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 75 Page - OSRAM GmbH |
|
75 / 76 page ![]() Document Feedback AS7225 Revision Information Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 74 Changes from previous version to current revision v2-00 Page 10.2 Detailed Register Description updated 33 – 43 11 UART Command Interface chapter added 51, 52 11.3 SPI Timing Characteristics updated 52, 53 11.4 Serial Flash EPROM updated 54 12 Smart Lighting Command Interface chapter added 55, 56 12.1 AT Commands added 56-61 13.1 Schematic figures 86, 87, 88 updated 62, 63, 64 13.3 PCB Pad Layout Figure 90 updated 66 14 Package Drawing & Markings Figure 91 updated 67 14 Added Figure 92 back side marking 68 15 Tape & Reel Information Figure 92 updated 69 16 Soldering & Storage Information Figure 94 updated 70 ● Page and figure numbers for the previous version may differ from page and figure numbers in the current revision. ● Correction of typographical errors is not explicitly mentioned. |