| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 62 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 62 Page - OSRAM GmbH |
|
62 / 76 page ![]() Document Feedback AS7225 Smart Lighting Command Interface Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 61 Command Direction Description Format Value Range Default ATFWA W Only for backward compatibility to support old firmware update mechanism. Always returns with OK. Because of flash devices, it is not possible to increment the address separately (Page erase necessary!) - - - |