| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 67 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 67 Page - OSRAM GmbH |
|
67 / 76 page ![]() Document Feedback AS7225 Application Information Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 66 13.3 PCB Pad Layout Suggested PCB pad layout guidelines for the LGA package are shown. Flash Gold is recommended as a surface finish for the landing pads. Figure 90: Recommended PCB Pad Layout (Top View) (1) Unless otherwise specified, all dimensions are in millimeters. (2) Add 0.05 mm all around the nominal lead width and length for the PCB pad land pattern. (3) This drawing is subject to change without notice. |