| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 48 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 48 Page - OSRAM GmbH |
|
48 / 76 page ![]() Document Feedback AS7225 Register Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 47 10.2.19 Calibrated CIE 1976 u’, v’, u, v Result Registers (Addresses 0x28;0x2B, 0x2C:0x2F, 0x30:0x33, 0x34:0x37) Figure 66: Calibrated CIE 1976 u’ Result Register Addr: 0x28:0x2B Cal_U_PRIME Bit Bit Name Default Access Bit Description 31:0 Cal_U_PRIME - R Calibrated u’ data (4-byte floating point) Figure 67: Calibrated CIE 1976 v’ Result Register Addr: 0x2C:0x2F Cal_V_PRIME Bit Bit Name Default Access Bit Description 31:0 Cal_V_PRIME - R Calibrated v’ data (4-byte floating point) Figure 68: Calibrated CIE 1976 u Result Register Addr: 0x30:0x33 Cal_SMALL_U Bit Bit Name Default Access Bit Description 31:0 Cal_SMALL_U - R Calibrated u data (4-byte floating point) Figure 69: Calibrated CIE 1976 v Result Register Addr: 0x34:0x37 Cal_SMALL_V Bit Bit Name Default Access Bit Description 31:0 Cal_SMALL_V - R Calibrated v data (4-byte floating point) |