| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 21 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 21 Page - OSRAM GmbH |
|
21 / 76 page ![]() Document Feedback AS7225 I²C Slave Interface Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 20 // Read slave I2C status to see if the write buffer is ready. status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ; if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0) // No inbound TX pending at slave. Okay to write now. break ; } // Send the virtual register address (setting bit 7 to indicate a pending write). i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, (virtualReg | 0x80)) ; while (1) { // Read the slave I2C status to see if the write buffer is ready. Status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ; if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0) // No inbound TX pending at slave. Okay to write data now. break ; } // Send the data to complete the operation. i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, d) ; } 8.3 I²C Virtual Register Read Access I²C Virtual Register Byte Read, detailed below, shows the pseudocode necessary to read virtual registers on the AS7225. Note that in this case, reading a virtual register, the register address is not modified. |