Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 58 Page - OSRAM GmbH

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Fiches technique(HTML) 58 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 54Page - OSRAM GmbH AS7225 Datasheet HTML 55Page - OSRAM GmbH AS7225 Datasheet HTML 56Page - OSRAM GmbH AS7225 Datasheet HTML 57Page - OSRAM GmbH AS7225 Datasheet HTML 58Page - OSRAM GmbH AS7225 Datasheet HTML 59Page - OSRAM GmbH AS7225 Datasheet HTML 60Page - OSRAM GmbH AS7225 Datasheet HTML 61Page - OSRAM GmbH AS7225 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
Document Feedback
AS7225
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 57
Command
Direction
Description
Format
Value Range
Default
ATVERHW
R
Returns the system
hardware version as a
HEX value of the form
PRDTx where are
P=PartID and
R=ChipRevision and
DT=DeviceType.
HEX
<0xPRDT>
PR = 40
DT = 19 (AS7225)
0x4019
ATTEMP
R
Read the current
device temperature in
degrees Celsius
DEZ
-
-
ATXYZC
R
Read calibrated X, Y
and Z data
DEZ
<XXX.X, YYY.Y, ZZZ.Z>
-
ATSMALLXYC
R
Read calibrated x and y
for CIE 1931 color
gamut
DEZ
<xxxx.xxxx, yyyy.yyyy>
-
ATUVPRIMEC
R
Read calibrated u’, v’
and u, v for CIE 1976
color gamut
DEZ
<u’u’u’u’u’.u’u’u’u’,v’v’v’v’v’.v’v’v’v’,
uuuuu.uuuu,vvvvv.vvvv>
-
ATDATA
R
Read all six raw values:
red, green, blue, ir,
dark, clear
DEZ
<r, g, b, ir, d, c>
-
ATDUVC
R
Read delta uv values
DEZ
XXXXX.XXXX
-
ATESP
R
Read the single 16 bit
sum of ESP1 board
device available
HEX
Bit0 = TSL25721 or TSL45315
-
Director Config
ATCHAN1
R
CHAN_MODE 0:
Dimming
CHAN_MODE1:
Dimming
CHAN_MODE 2:
overall brightness (only
for information)
DEZ
0
ATCHAN2
R
CHAN_MODE 0:
disabled (0)
CHAN_MODE 1:
STRING1
COLOR_TUNING
CHAN_MODE 2:
STRING1
COLOR_TUNING with
DIMMING
DEZ
0
ATCHAN3
R
CHAN_MODE 0:
disabled (0)
CHAN_MODE 1:
STRING1 complement
COLOR_TUNING
CHAN_MODE 2:
STRING2
COLOR_TUNING with
DIMMING
DEZ
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76