Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 63 Page - OSRAM GmbH

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Fiches technique(HTML) 63 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 59Page - OSRAM GmbH AS7225 Datasheet HTML 60Page - OSRAM GmbH AS7225 Datasheet HTML 61Page - OSRAM GmbH AS7225 Datasheet HTML 62Page - OSRAM GmbH AS7225 Datasheet HTML 63Page - OSRAM GmbH AS7225 Datasheet HTML 64Page - OSRAM GmbH AS7225 Datasheet HTML 65Page - OSRAM GmbH AS7225 Datasheet HTML 66Page - OSRAM GmbH AS7225 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Document Feedback
AS7225
Application Information
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 62
13
Application Information
Figure 86, Figure 87 and Figure 88 show typical application schematics for the AS7225. Figure 89
illustrates a routing example for the device and Figure 90 gives the recommended pad layout for the
LGA package.
13.1
Schematic
Figure 86:
AS7225 Color Tuning and Daylighting Application
AS7225 Color Tuning and Daylighting Application: AS7225 Inward-looking luminaire integration
requires additional supported sensor via I²C for daylighting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76