| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 142 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 142 Page - NXP Semiconductors |
|
142 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "****************************************************************************** "* Flash Associated Pins. "****************************************************************************** F_PD1PIN 7; F_PD2PIN 65; F_PD3PIN 41; F_PD4PIN 25; FlashCs~ PIN 49;" flash bank chip-select FlashEn~PIN 15;" flash enable from control reg. FlashCs1~PIN 12 istype 'com';" Flash bank1 chip-select FlashCs2~PIN 22 istype 'com';" Flash bank2 chip-select FlashCs3~PIN 57 istype 'com';" Flash bank3 chip-select FlashCs4~PIN 24 istype 'com';" Flash bank4 chip-select FlashOe~PIN 58 istype 'com';" Flash output enable. "****************************************************************************** "* Control Register pins "****************************************************************************** ContRegCs~PIN 59;" control register cs from MPC8XX ContRegEn~PIN 56;" control register enable from control register. "****************************************************************************** "* Reset & Interrupt Logic Pins. "****************************************************************************** Rst0 PIN 13; " connected to N.C. of Reset P.B. Rst1 PIN 21; " connected to N.O. of Reset P.B. !RegPORIn~PIN 9; " Regular Power On Reset In. (H) HardReset~PIN 48 istype 'com'; " Actual hard reset output (O.D.) SoftReset~PIN 40 istype 'com'; " Actual soft reset output (O.D.) ResetConfig~PIN 67 istype 'com'; " Drives the RSTCONF* signal of the MPC8XX. DriveConfig~PIN 63 istype 'com';" Drives configuration data to the MPC8XX Abr0 PIN 10; " connected to N.C. of Abort P.B. Abr1 PIN 11; " connected to N.O. of Abort P.B. NMIEnNODE istype 'com'; " enables T.S. NMI pin Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |