| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 140 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 140 Page - NXP Semiconductors |
|
140 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* - The addressing scheme of the flash is changed so that the bank does "* not occupy a space bigger than its real size. I.e. A9 and A10 use "* is conditioned with the module type. "****************************************************************************** " In this file (10): "* - A bug is fixed in Smart flash memories presence detect encoding: "* for SM732A1000A - F_PD == 5 (was 2) "* for SM732A2000 - F_PD == 4 (was 3) "****************************************************************************** "* In this file (11): "* - KAPORIn (power-on reset input) line is removed. It was unused previously. "* - Instead of the the above, F_PD4 input is added, so excact identification "* may be given to any flash memory. "* - Number of delay stages for flash turn-off time protection is decreased "* This to avoid possible problem in write to 0-w.s. memories. "****************************************************************************** "* In This file (12): "* - Added ATA support for PCMCIA. I.e., PccEvenEn~ and PccOddEn~ become "* identical, enabled by logic OR of CE1~ and CE2~ "****************************************************************************** module brdctl12 title 'MPC821ADS Board Misc. Control Functions. Originated for MPC821ADS, Yair Liebman - (MSIL) - April 10, 1995' "****************************************************************************** "* Device declaration. * "****************************************************************************** U22 device 'mach220a'; "****************************************************************************** "* ####### * "* # # # ##### ###### ##### # # ## # #### * "* # # # # # # # ## # # # # # * "* ##### ## # ##### # # # # # # # # #### * "* # ## # # ##### # # # ###### # # * "* # # # # # # # # ## # # # # # * "* ####### # # # ###### # # # # # # ###### #### * "****************************************************************************** Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |