Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 134 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 134 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 130Page - NXP Semiconductors MPC821 Datasheet HTML 131Page - NXP Semiconductors MPC821 Datasheet HTML 132Page - NXP Semiconductors MPC821 Datasheet HTML 133Page - NXP Semiconductors MPC821 Datasheet HTML 134Page - NXP Semiconductors MPC821 Datasheet HTML 135Page - NXP Semiconductors MPC821 Datasheet HTML 136Page - NXP Semiconductors MPC821 Datasheet HTML 137Page - NXP Semiconductors MPC821 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
!VIDEO_ENABLED;
"******************************************************************************
state_diagram VideoExtClkEn
state VIDEO_EXT_CLK_ENABLED:
if (MPC_WRITE_BCSR_4 &
(VIDEO_EXT_CLK_EN_DATA_BIT.pin == !VIDEO_EXT_CLK_ENABLED) &
(!KA_PON_RESET # (VIDEO_EXT_CLK_EN_PON_DEFAULT != VIDEO_EXT_CLK_ENABLED)#
(KA_PON_RESET & (VIDEO_EXT_CLK_EN_PON_DEFAULT ==!VIDEO_EXT_CLK_ENABLED)))then
!VIDEO_EXT_CLK_ENABLED
else
VIDEO_EXT_CLK_ENABLED;
state !VIDEO_EXT_CLK_ENABLED:
if (MPC_WRITE_BCSR_4 &
(VIDEO_EXT_CLK_EN_DATA_BIT.pin == VIDEO_EXT_CLK_ENABLED) &
(!KA_PON_RESET # (VIDEO_EXT_CLK_EN_PON_DEFAULT != !VIDEO_EXT_CLK_ENABLED)) #
(KA_PON_RESET & (VIDEO_EXT_CLK_EN_PON_DEFAULT == VIDEO_EXT_CLK_ENABLED)) ) then
VIDEO_EXT_CLK_ENABLED
else
!VIDEO_EXT_CLK_ENABLED;
"******************************************************************************
state_diagram VideoRst~
state VIDEO_RESET_ACTIVE:
if (MPC_WRITE_BCSR_4 &
(VIDEO_RESET_DATA_BIT.pin == !VIDEO_RESET_ACTIVE) &
(!KA_PON_RESET # (VIDEO_RESET_PON_DEFAULT != VIDEO_RESET_ACTIVE)) #
(KA_PON_RESET & (VIDEO_RESET_PON_DEFAULT == !VIDEO_RESET_ACTIVE)) ) then
!VIDEO_RESET_ACTIVE
else
VIDEO_RESET_ACTIVE;
state !VIDEO_RESET_ACTIVE:
if (MPC_WRITE_BCSR_4 &
(VIDEO_RESET_DATA_BIT.pin == VIDEO_RESET_ACTIVE) &
(!KA_PON_RESET # (VIDEO_RESET_PON_DEFAULT != !VIDEO_RESET_ACTIVE)) #
(KA_PON_RESET & (VIDEO_RESET_PON_DEFAULT == VIDEO_RESET_ACTIVE)) ) then
VIDEO_RESET_ACTIVE
else
!VIDEO_RESET_ACTIVE;
"******************************************************************************
state_diagram SignaLamp~
state SIGNAL_LAMP_ON:
if (MPC_WRITE_BCSR_4 &
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More