| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 133 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 133 Page - NXP Semiconductors |
|
133 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE (PCC_VCC_0_DATA_BIT.pin == PCC_VCC_CONT_0) & (!KA_PON_RESET # (USB_VCC_0_CONT_PON_DEFAULT != !USB_VCC_CONT_0)) # (KA_PON_RESET & (USB_VCC_0_CONT_PON_DEFAULT == USB_VCC_CONT_0)) ) then USB_VCC_CONT_0 else !USB_VCC_CONT_0; "****************************************************************************** state_diagram UsbVcc1 state USB_VCC_CONT_0: if (MPC_WRITE_BCSR_4 & (USB_VCC_1_DATA_BIT.pin == !USB_VCC_CONT_0) & (!KA_PON_RESET # (USB_VCC_1_CONT_PON_DEFAULT != USB_VCC_CONT_0)) # (KA_PON_RESET & (USB_VCC_1_CONT_PON_DEFAULT == !USB_VCC_CONT_0)) ) then !USB_VCC_CONT_0 else USB_VCC_CONT_0; state !USB_VCC_CONT_0: if (MPC_WRITE_BCSR_4 & (PCC_VCC_1_DATA_BIT.pin == PCC_VCC_CONT_0) & (!KA_PON_RESET # (USB_VCC_1_CONT_PON_DEFAULT != !USB_VCC_CONT_0)) # (KA_PON_RESET & (USB_VCC_1_CONT_PON_DEFAULT == USB_VCC_CONT_0)) ) then USB_VCC_CONT_0 else !USB_VCC_CONT_0; "****************************************************************************** state_diagram VideoOn~ state VIDEO_ENABLED: if (MPC_WRITE_BCSR_4 & (VIDEO_ENABLE_DATA_BIT.pin == !VIDEO_ENABLED) & (!KA_PON_RESET # (VIDEO_ENABLE_PON_DEFAULT != VIDEO_ENABLED)) # (KA_PON_RESET & (VIDEO_ENABLE_PON_DEFAULT == !VIDEO_ENABLED)) ) then !VIDEO_ENABLED else VIDEO_ENABLED; state !VIDEO_ENABLED: if (MPC_WRITE_BCSR_4 & (VIDEO_ENABLE_DATA_BIT.pin == VIDEO_ENABLED) & (!KA_PON_RESET # (VIDEO_ENABLE_PON_DEFAULT != !VIDEO_ENABLED)) # (KA_PON_RESET & (VIDEO_ENABLE_PON_DEFAULT == VIDEO_ENABLED)) ) then VIDEO_ENABLED else Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |