| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 194 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 194 Page - NXP Semiconductors |
|
194 / 242 page ![]() Support Information 18 MPC860TFADS Daughter Board Design Specification—Rev 0.1 MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 21 RSTXD2 22 PC8 23 RSDTR2~ 24 PC9 25 RSDTR1~ 26 E_RENA 27 RSRXD1 28 E_CLSN 29 RSTXD1 30 PC12 31 PB26 32 PC13. 33 PB27 34 PC14 35 PB28 36 MIICOL 37 PB29 38 N.C. TABLE 5-5. P4 - Interconnect Signals Pin # Signal Name Pin # Signal Name 1 N.C. 2 N.C. 3 GND 4 5 N.C. 6 MIIRXCLK 7 PA0 8 MIIRXD3 9 PA1 10 MIIRXD2 11 PA2 12 MIIRXD1 13 PA3 14 MIIMDC 15 PA4 16 MIITXER 17 PA5 18 MIIRXD0 19 PA6 20 MIITXD0 21 PA7 22 MIIRXCLK 23 PA8 24 MIIRXER 25 PA9 26 MIIRXDV 27 PA10 28 MIITXD3 29 PA11 30 MIITXD2 31 IRDTXD 32 MIITXD1 33 IRDRXD 34 MIICRS 35 ETHTX 36 MIIMDIO 37 ETHRXS 38 MIITXEN TABLE 5-4. P6 - Interconnect Signals Pin # Signal Name Pin # Signal Name Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |