Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 190 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 190 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 186Page - NXP Semiconductors MPC821 Datasheet HTML 187Page - NXP Semiconductors MPC821 Datasheet HTML 188Page - NXP Semiconductors MPC821 Datasheet HTML 189Page - NXP Semiconductors MPC821 Datasheet HTML 190Page - NXP Semiconductors MPC821 Datasheet HTML 191Page - NXP Semiconductors MPC821 Datasheet HTML 192Page - NXP Semiconductors MPC821 Datasheet HTML 193Page - NXP Semiconductors MPC821 Datasheet HTML 194Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 242 page
background image
Support Information
14
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5 - Support Information
In this chapter all information needed for support, maintenance and connectivity to the
MPC860TFADSDB is provided.
5•1
Interconnect Signals
The MPC860TFADSDB interconnects with external devices via the following set of connectors:
1)
P1, P2, P3, P4, P5, P6 and P8 - Logic Analyzer connectors
2)
P9 RJ45 connector for the Fast Ethernet.
3)
U3 Fiber Optic Tranceiver (Connector not mounted on the board).
4)
PM1, PM2, PM3 and PM4 - Mother Board Connectors
5)
PX1, PX2, PX3 & PX4 - Expansion Connectors
6)
MPC8XXFADS’s P8 - Serial Ports’ Expansion ConnectorA
5•1•1
P1, P2, P3, P4, P5, P6 and P8 - Logic Analyzer Connectors
These connectors are 38 pin, receptacle MICTOR connectors made by AMP. Each connector
connects to a dedicated adaptor for HP 16500 series of logic analyzer, which interconnects to two 16
bit pods Since all the signals that appear on these connectors appear also on the mother-board con-
nectors and on the expansion connectors, they are described there.
A. This connector is located on the Mother Board. It is documented here since its contents depends on the Daugh-
ter Board.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More