Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 59 Page - Microchip Technology

No de pièce EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Fiches technique(HTML) 59 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 55Page - Microchip Technology EMC2302 Datasheet HTML 56Page - Microchip Technology EMC2302 Datasheet HTML 57Page - Microchip Technology EMC2302 Datasheet HTML 58Page - Microchip Technology EMC2302 Datasheet HTML 59Page - Microchip Technology EMC2302 Datasheet HTML 60Page - Microchip Technology EMC2302 Datasheet HTML 61Page - Microchip Technology EMC2302 Datasheet HTML 62Page - Microchip Technology EMC2302 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 59
EMC2301/2/3/5
Microchip Technology Drawing C04-308A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
(A3)
e
L
E
N
0.80 BSC
0.20 REF
2.00
0.40
0.25
0.80
0.00
0.30
4.00 BSC
0.50
2.10
0.85
0.02
4.00 BSC
MILLIMETERS
MIN
NOM
12
2.20
0.60
0.35
0.90
0.05
MAX
K-
0.35
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
12-Lead Very Thin Plastic Quad Flat, No Lead Package (UL) - 4x4 mm Body [VQFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
2.00
2.10
2.20
SMSC Legacy KP [SQFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70