| Moteur de recherche de fiches techniques de composants électroniques |
|
ATSAMB11XR Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSAMB11XR Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 87 page ![]() ATSAMB11- XR2100A Pin # ATSAMB11- ZR210CA Pin # Pin Name Pin Type Description / Default Function 38 15 LP_GPIO_3 Digital I/O GPIO with Programmable Pull- Up/Down 39 16 LP_GPIO_4 Digital I/O GPIO with Programmable Pull- Up/Down 40 - LP_GPIO_22 Digital I/O GPIO with Programmable Pull- Up/Down 41 35 Paddle Ground Exposed paddle must be soldered to system ground Note: 1. These GPIO pads are high-drive pads. Refer Table 10-3. ATSAMB11XR/ZR © 2017 Microchip Technology Inc. Datasheet Preliminary DS70005342A-page 13 |