Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAMB11XR Fiches technique(PDF) 80 Page - Microchip Technology

No de pièce ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Fiches technique(HTML) 80 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology ATSAMB11XR Datasheet HTML 78Page - Microchip Technology ATSAMB11XR Datasheet HTML 79Page - Microchip Technology ATSAMB11XR Datasheet HTML 80Page - Microchip Technology ATSAMB11XR Datasheet HTML 81Page - Microchip Technology ATSAMB11XR Datasheet HTML 82Page - Microchip Technology ATSAMB11XR Datasheet HTML 83Page - Microchip Technology ATSAMB11XR Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
16.3.2.1 Simplified EU Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type ATSAMB11-ZR210CA is in
compliance with Directive 2014/53/EU.
The full text of the EU declaration of conformity for this product is available at http://www.microchip.com/
design-centers/wireless-connectivity/.
16.3.3
Helpful Web Sites
A document that can be used as a starting point in understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Communications Committee (ECC) at: http://www.ecodocdb.dk/.
Additional helpful web sites are:
•
Radio Equipment Directive (2014/53/EU): :
https://ec.europa.eu/growth/single-market/european-standards/harmonised-standards/rtte_en
•
European Conference of Postal and Telecommunications Administrations (CEPT):
http://www.cept.org
•
European Telecommunications Standards Institute (ETSI):
http://www.etsi.org
•
The Radio Equipment Directive Compliance Association (REDCA) (Previously known as R&TTE
Compliance Association):
http://www.redca.eu
16.4
Other Regulatory Information
•
For information on the other countries jurisdictions covered, refer to the http://www.microchip.com/
design-centers/wireless-connectivity
•
Should other regulatory jurisdiction certification be required by the customer, or the customer need
to recertify the module for other reasons, contact Microchip for the required utilities and
documentation
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87