Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAMB11XR Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Fiches technique(HTML) 28 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 24Page - Microchip Technology ATSAMB11XR Datasheet HTML 25Page - Microchip Technology ATSAMB11XR Datasheet HTML 26Page - Microchip Technology ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology ATSAMB11XR Datasheet HTML 31Page - Microchip Technology ATSAMB11XR Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
19
BLE specific
RESERVED
20
Brown Out Detected
Available/Muxable
21
BLE specific
RESERVED
22
BLE specific
RESERVED
23
GPIO 0 Combined
Available/Non-Muxable
24
GPIO 1 Combined
Available/Non-Muxable
25
GPIO 2 combined
Available/Non-Muxable
26
ARM timer
RESERVED
27
AON sleep timer
Available/Non-Muxable
28
BLE specific
RESERVED
29
BLE specific
RESERVED
30
BLE specific
RESERVED
31
BLE specific
RESERVED
The following table provides the list of interrupt options available for each of the muxable interrupt.
Table 7-3. ATSAMB11 Muxable Interrupt options
Option
Interrupt Source
0x1
UART0 RX
0x2
UART0 TX
0x3
UART1 RX
0x4
UART1 TX
0x5
SPI0 RX
0x6
SPI0 TX
0x7
SPI1 RX
0x8
SPI1 TX
0x9
I2C0 RX
0xA
I2C0 TX
0xB
I2C1 RX
0xC
I2C1 TX
0xD
WDT0 – RESERVED
0xE
WDT1
0xF
ARM DUALTIMER
0x10
DMA STATUS
0x11
SECURITY
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87