Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAMB11XR Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Fiches technique(HTML) 9 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 5Page - Microchip Technology ATSAMB11XR Datasheet HTML 6Page - Microchip Technology ATSAMB11XR Datasheet HTML 7Page - Microchip Technology ATSAMB11XR Datasheet HTML 8Page - Microchip Technology ATSAMB11XR Datasheet HTML 9Page - Microchip Technology ATSAMB11XR Datasheet HTML 10Page - Microchip Technology ATSAMB11XR Datasheet HTML 11Page - Microchip Technology ATSAMB11XR Datasheet HTML 12Page - Microchip Technology ATSAMB11XR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
4.
Pinout Information
The ATSAMB11-XR2100A is offered in an exposed pad 40-pin SiP package. This package has an
exposed paddle that must be connected to the system board ground. The SiP package pin assignment is
shown in the figure below. The color shading is used to indicate the pin type as follows:
•
Red – analog
•
Green – digital I/O (switchable power domain)
•
Blue – digital I/O (always-on power domain)
•
Yellow – power
•
Purple – PMU
•
Shaded green/red – configurable mixed-signal GPIO (digital/analog)
The ATSAMB11-ZR210CA module is a castellated PCB with the ATSAMB11-XR2100A integrated with a
matched chip antenna. The pins are identified in the pin description table. The ATSAMB11-XR2100A also
contains a paddle pad on the bottom of the PCB, that must be soldered to the system ground.
Figure 4-1. ATSAMB11-XR2100A Pin Assignment
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87