| Moteur de recherche de fiches techniques de composants électroniques |
|
ATSAMB11XR Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSAMB11XR Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 87 page ![]() Figure 4-2. ATSAMB11-ZR210CA Pin Descriptions The following table lists the pin assignments for both the ATSAMB11-XR2100A and the ATSAMB11- ZR210CA. Table 4-1. ATSAMB11-XR2100A and ATSAMB11-ZR210CA Pin Description ATSAMB11- XR2100A Pin # ATSAMB11- ZR210CA Pin # Pin Name Pin Type Description / Default Function 1 - LP_GPIO_23 Digital I/O GPIO with Programmable Pull- Up/Down 2 17 LP_GPIO_5 Digital I/O GPIO with Programmable Pull- Up/Down 3 18 LP_GPIO_6 Digital I/O GPIO with Programmable Pull- Up/Down 4 19 LP_GPIO_7 Digital I/O GPIO with Programmable Pull- Up/Down 5 20 LP_GPIO_8(1) Digital I/O GPIO with Programmable Pull- Up/Down ATSAMB11XR/ZR © 2017 Microchip Technology Inc. Datasheet Preliminary DS70005342A-page 10 |