Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAMB11XR Fiches technique(PDF) 73 Page - Microchip Technology

No de pièce ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Fiches technique(HTML) 73 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 69Page - Microchip Technology ATSAMB11XR Datasheet HTML 70Page - Microchip Technology ATSAMB11XR Datasheet HTML 71Page - Microchip Technology ATSAMB11XR Datasheet HTML 72Page - Microchip Technology ATSAMB11XR Datasheet HTML 73Page - Microchip Technology ATSAMB11XR Datasheet HTML 74Page - Microchip Technology ATSAMB11XR Datasheet HTML 75Page - Microchip Technology ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
14.2
Interferers
One of the biggest problems with RF devices is poor performance due to interferers on the board
radiating noise into the antenna or coupling into the RF traces going to input LNA. Care must be taken to
make sure that there no noisy circuitry is placed anywhere near the antenna or the RF traces. All noise
generating circuits should also be shielded so they do not radiate noise that is picked up by the antenna.
This applies to all layers. Even if there is a ground plane on a layer between the RF route and another
signal, the ground return current will flow on the ground plane and couple into the RF traces.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87