Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAMB11XR Fiches technique(PDF) 86 Page - Microchip Technology

No de pièce ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Fiches technique(HTML) 86 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 79Page - Microchip Technology ATSAMB11XR Datasheet HTML 80Page - Microchip Technology ATSAMB11XR Datasheet HTML 81Page - Microchip Technology ATSAMB11XR Datasheet HTML 82Page - Microchip Technology ATSAMB11XR Datasheet HTML 83Page - Microchip Technology ATSAMB11XR Datasheet HTML 84Page - Microchip Technology ATSAMB11XR Datasheet HTML 85Page - Microchip Technology ATSAMB11XR Datasheet HTML 86Page - Microchip Technology ATSAMB11XR Datasheet HTML 87Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
ISBN: 978-1-5224-2202-0
Quality Management System Certified by DNV
ISO/TS 16949
Microchip received ISO/TS-16949:2009 certification for its worldwide headquarters, design and wafer
fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California
and India. The Company’s quality system processes and procedures are for its PIC
® MCUs and dsPIC®
DSCs, KEELOQ
® code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and
analog products. In addition, Microchip’s quality system for the design and manufacture of development
systems is ISO 9001:2000 certified.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87