| Moteur de recherche de fiches techniques de composants électroniques |
|
ATSAMB11XR Fiches technique(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSAMB11XR Fiches technique(HTML) 30 Page - Microchip Technology |
|
30 / 87 page ![]() partitioned into six 128-bit banks. Each bank is divided into four blocks with each block containing 32 bits of memory locations. This non-volatile, one-time-programmable memory is used to store customer specific parameters as listed below. • 26 MHz XO Calibration information • BT address The bit map for the block containing the above parameters is detailed in the following figures. Figure 7-2. Bank 5 Block 0 Figure 7-3. Bank 5 Block 1 ATSAMB11XR/ZR © 2017 Microchip Technology Inc. Datasheet Preliminary DS70005342A-page 30 |