Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Datasheet with Chat AI
Datasheet Details
Part No.MB9BF412R
MfrSPANSION
Size2Mb
Pages121 pages
DescriptionThis document states the current technical specifications regarding
Datasheet SummaryAI
Core & Performance:

️· Core: ARM Cortex-M4 CPU
️· Frequency: Up to 40 MHz
️· Flash Memory: Varies depending on the model (MB9BF412N/R, MB9BF414N/R, MB9BF415N/R, MB9BF416N/R)
️· RAM: Varies depending on the model

Key Peripherals:

️· Timers: Multiple timers including PWM, reload timers, and PPG timers. Crucially, it features *three* PPG (Pulse Position/Width Modulation) timers, important for motor control or advanced signaling.
️· Communication:
- CAN interface (2 channels max)
- UART/CSIO/LIN/I2C (up to 8 channels)
️· ADC: 12-bit A/D converter (16 channels, 3 units)
️· DMA: 8-channel Direct Memory Access
️· External Bus Interface: Supports SRAM, NOR, and NAND flash.
️· QPRC: Quadrature Phase Rotary Counter
️· Real-Time Clock: Has an integrated Real-Time Clock.
️· Watch Counter: Has a watchdog timer.
️· CRC Accelerator: Hardware CRC calculation.
️· Watchdog Timer: Dual channel Watchdog Timer (Software and Hardware)

Memory & Packages:

️· The datasheet details different models (MB9BF412N/R, MB9BF414N/R, MB9BF415N/R, MB9BF416N/R) which likely correspond to different flash memory sizes and RAM amounts.
️· Available in multiple packages:
- FPT-100P-M23 & FPT-100P-M36 (QFP)
- FPT-120P-M37 (LQFP)
- BGA-112P-M04 (BGA)

Key Features/Highlights:

️· Port Relocation: Many pins have multiple possible functions, and the "Extended Port Function Register" (EPFR) is used to select which function is assigned to each pin.
️· Power Saving: Low power operation.
️· Debug Function: SWJ-DP/ETM debug interface.

Target Applications:

Based on the peripherals, this microcontroller is suited for applications such as:

️· Industrial Control
️· Motor Control (due to the PPG timers)
️· Automotive applications (CAN interface)
️· Embedded systems requiring a versatile set of peripherals and a moderate level of processing power.
MB9BF412R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about MB9BF412R Datasheet.
    Example questions: ➤ What is the maximum number of i/o ports available on the mb9bf416r microcontroller?➤ Describe the purpose of the 'extended port function register' (epfr) and why it is important when using the mb9b410r series microcontrollers.➤ What are the primary differences between the fpt-100p-m36 and fpt-120p-m37 packages in terms of pin count and pitch?
  • Datasheet Details
    Part No.MB9BF412R
    ManufacturerSPANSION
    Size2Mb
    Pages121 pages
    DescriptionThis document states the current technical specifications regarding
    Datasheet Summary AI Expand summary
    Core & Performance:

    ️· Core: ARM Cortex-M4 CPU
    ️· Frequency: Up to 40 MHz
    ️· Flash Memory: Varies depending on the model (MB9BF412N/R, MB9BF414N/R, MB9BF415N/R, MB9BF416N/R)
    ️· RAM: Varies depending on the model

    Key Peripherals:

    ️· Timers: Multiple timers including PWM, reload timers, and PPG timers. Crucially, it features *three* PPG (Pulse Position/Width Modulation) timers, important for motor control or advanced signaling.
    ️· Communication:
    - CAN interface (2 channels max)
    - UART/CSIO/LIN/I2C (up to 8 channels)
    ️· ADC: 12-bit A/D converter (16 channels, 3 units)
    ️· DMA: 8-channel Direct Memory Access
    ️· External Bus Interface: Supports SRAM, NOR, and NAND flash.
    ️· QPRC: Quadrature Phase Rotary Counter
    ️· Real-Time Clock: Has an integrated Real-Time Clock.
    ️· Watch Counter: Has a watchdog timer.
    ️· CRC Accelerator: Hardware CRC calculation.
    ️· Watchdog Timer: Dual channel Watchdog Timer (Software and Hardware)

    Memory & Packages:

    ️· The datasheet details different models (MB9BF412N/R, MB9BF414N/R, MB9BF415N/R, MB9BF416N/R) which likely correspond to different flash memory sizes and RAM amounts.
    ️· Available in multiple packages:
    - FPT-100P-M23 & FPT-100P-M36 (QFP)
    - FPT-120P-M37 (LQFP)
    - BGA-112P-M04 (BGA)

    Key Features/Highlights:

    ️· Port Relocation: Many pins have multiple possible functions, and the "Extended Port Function Register" (EPFR) is used to select which function is assigned to each pin.
    ️· Power Saving: Low power operation.
    ️· Debug Function: SWJ-DP/ETM debug interface.

    Target Applications:

    Based on the peripherals, this microcontroller is suited for applications such as:

    ️· Industrial Control
    ️· Motor Control (due to the PPG timers)
    ️· Automotive applications (CAN interface)
    ️· Embedded systems requiring a versatile set of peripherals and a moderate level of processing power.