| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 42 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 42 Page - SPANSION |
|
42 / 121 page ![]() D a t a S h e e t March 11, 2015, MB9B410R-DS706-00026-3v0-E 39 CONFIDENTIAL Module Pin name Function Pin No LQFP- 100 BGA- 112 LQFP- 120 QFP- 100 Multi- function Serial 6 SIN6_0 Multi-function serial interface ch.6 input pin 5 D1 5 83 SIN6_1 12 E4 17 90 SOT6_0 (SDA6_0) Multi-function serial interface ch.6 output pin. This pin operates as SOT6 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA6 when it is used in an I 2C (operation mode 4). 6 D2 6 84 SOT6_1 (SDA6_1) 11 E3 16 89 SCK6_0 (SCL6_0) Multi-function serial interface ch.6 clock I/O pin. This pin operates as SCK6 when it is used in a CSIO (operation modes 2) and as SCL6 when it is used in an I 2C (operation mode 4). 7 D3 7 85 SCK6_1 (SCL6_1) 10 E2 15 88 Multi- function Serial 7 SIN7_0 Multi-function serial interface ch.7 input pin - - 11 - SIN7_1 45 K8 50 23 SOT7_0 (SDA7_0) Multi-function serial interface ch.7 output pin. This pin operates as SOT7 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA7 when it is used in an I 2C (operation mode 4). - - 12 - SOT7_1 (SDA7_1) 44 J7 49 22 SCK7_0 (SCL7_0) Multi-function serial interface ch.7 clock I/O pin. This pin operates as SCK7 when it is used in a CSIO (operation modes 2) and as SCL7 when it is used in an I 2C (operation mode 4). - - 13 - SCK7_1 (SCL7_1) 43 H6 48 21 |