| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 60 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 60 Page - SPANSION |
|
60 / 121 page ![]() D a t a S h e e t March 11, 2015, MB9B410R-DS706-00026-3v0-E 57 CONFIDENTIAL Memory Map Memory Map (1) Peripherals Area 0x41FF_FFFF Reserved 0x4006_4000 0x4006_3000 CAN ch.1 0x4006_2000 CAN ch.0 0x4006_1000 Reserved 0x4006_0000 DMAC Reserved 0x4004_0000 0x4003_F000 EXT-bus I/F 0x4003_C000 Reserved 0x4003_B000 RTC 0x4003_A000 Watch Counter 0x4003_9000 CRC 0x4003_8000 MFS 0x4003_7000 CAN Prescaler 0x4003_6000 Reserved 0x4003_5000 LVD Ctrl 0x4003_4000 Reserved 0x4003_3000 GPIO 0x4003_2000 Reserved 0x4003_1000 Int-Req. Read 0x4003_0000 EXTI 0x4002_F000 Reserved 0x4002_E000 CR Trim 0x4002_8000 Reserved 0x4002_7000 A/DC 0x4002_6000 QPRC 0x4002_5000 Base Timer 0x4002_4000 PPG 0x4002_3000 Reserved 0x4002_2000 MFT unit2 0x4002_1000 MFT unit1 0x4002_0000 MFT unit0 0x4001_6000 Reserved 0x4001_5000 Dual Timer 0x4001_3000 Reserved 0x4001_2000 SW WDT 0x4001_1000 HW WDT 0x4001_0000 Clock/Reset 0x4000_1000 Reserved 0x4000_0000 MainFlash I/F 0xFFFF_FFFF Reserved 0xE010_0000 0xE000_0000 Cortex-M3 Private Peripherals 0x7000_0000 Reserved 0x6000_0000 External Device Area 0x4400_0000 Reserved 0x4200_0000 32Mbyte Bit band alias 0x4000_0000 Peripherals 0x2400_0000 Reserved 0x2200_0000 32Mbyte Bit band alias 0x200E_1000 Reserved See the next page " Memory Map (2), (3)" for the memory size details. 0x200E_0000 WorkFlash I/F 0x200C_0000 WorkFlash 0x2008_0000 Reserved 0x2000_0000 SRAM1 0x1FFF_0000 SRAM0 0x0010_2000 Reserved 0x0010_0000 Security/CR Trim 0x0000_0000 MainFlash |