| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9BF412R Fiches technique(PDF) 107 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R Fiches technique(HTML) 107 Page - SPANSION |
|
107 / 121 page ![]() D a t a S h e e t 104 MB9B410R-DS706-00026-3v0-E, March 11, 2015 CONFIDENTIAL ・Definition of 12-bit A/D Converter Terms ・Resolution: Analog variation that is recognized by an A/D converter. ・Integral Nonlinearity: Deviation of the line between the zero-transition point (0b000000000000 ←→ 0b000000000001) and the full-scale transition point (0b111111111110 ←→ 0b111111111111) from the actual conversion characteristics. ・Differential Nonlinearity: Deviation from the ideal value of the input voltage that is required to change the output code by 1 LSB. Integral Nonlinearity of digital output N = VNT - {1LSB × (N - 1) + VZT} [LSB] 1LSB Differential Nonlinearity of digital output N = V(N + 1) T - VNT - 1 [LSB] 1LSB 1LSB = VFST - VZT 4094 N: A/D converter digital output value. VZT: Voltage at which the digital output changes from 0x000 to 0x001. VFST: Voltage at which the digital output changes from 0xFFE to 0xFFF. VNT: Voltage at which the digital output changes from 0x(N − 1) to 0xN. Integral Nonlinearity Differential Nonlinearity Actual conversion characteristics Actual conversion characteristics Ideal characteristics (Actually- measured value) Actual conversion characteristics Actual conversion characteristics (Actually-measured value) (Actually-measured value) Ideal characteristics (Actually-measured value) Analog input Analog input (Actually-measured value) 0x001 0x002 0x003 0x004 0xFFD 0xFFE 0xFFF AVSS AVRH AVSS AVRH 0x(N-2) 0x(N-1) 0x(N+1) 0xN {1 LSB(N-1) + VZT} VNT VFST VZT VNT V(N+1)T |